Part Number Hot Search : 
741CN MAX5361 2N5462 P1101SCL LC78832M ST89E BFP182 H57AD
Product Description
Full Text Search
 

To Download IXGE200N60B04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v ces t j = 25 c to 150 c 600 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c 160 a i l terminal current limit(rms) 100 a i c90 t c = 90 c96a i cm t c = 25 c, 1 ms 400 a ssoa v ge = 15 v, t vj = 125 c, r g = 2.4 ? i cm = 200 a (rbsoa) clamped inductive load @ 0.8 v ces p c t c = 25 c 416 w t j -40 ... +150 c t jm 150 c t stg -40 ... +150 c v isol 50/60 hz t = 1 min 2500 v~ i isol 1 ma t = 1 s 3000 v~ m d mounting torque 1.5/13 nm/lb.in. terminal connection torque (m4) 1.5/13 nm/lb.in. weight 19 g features ? conforms to sot-227b outline ? isolation voltage 3000 v~ ? very high current, fast switching igbt ? low v ce(sat) - for minimum on-state conduction losses ? mos gate turn-on - drive simplicity ? low collector-to-case capacitance (< 50 pf) ? low package inductance (< 5 nh) - easy to drive and to protect applications ? ac motor speed control ? dc servo and robot drives ? dc choppers ? uninterruptible power supplies (ups) ? switch-mode and resonant-mode power supplies advantages ? easy to mount with 2 screws ? space savings ? high power density e symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 1 ma , v ge = 0 v 600 v v ge(th) i c = 1 ma, v ce = v ge 2.5 5.5 v i ces v ce = v ces t j = 25 c 200 a v ge = 0 v t j = 125 c 2 ma i ges v ce = 0 v, v ge = 20 v 400 na v ce(sat) i c = 120a, v ge = 15 v 2.3 v ds98911b(09/04) hiperfast tm igbt ixge 200n60b v ces = 600 v i c25 = 160 a v ce(sat) = 2.3 v t fi = 160ns g e c c g = gate, e = emitter, c = collector c either emitter terminal can be used as main or kelvin emitter e c isoplus 227 tm (ixge)
ixys reserves the right to change limits, test conditions, and dimensions. ixge 200n60b sot-227b minibloc symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 60 a; v ce = 10 v, 50 75 s pulse test, t 300 s, duty cycle 2 % c ies 11000 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 680 pf c res 190 pf q g 350 nc q ge i c = 120a, v ge = 15 v, v ce = 0.5 v ces 72 nc q gc 131 nc t d(on) 60 ns t ri 45 ns e on 2.4 mj t d(off) 200 360 ns t fi 160 280 ns e off 5.5 9.6 mj t d(on) 60 ns t ri 60 ns e on 4.8 mj t d(off) 290 ns t fi 250 ns e off 8.7 mj r thjc 0.3 k/w r thck 0.07 k/w inductive load, t j = 25 c i c = 100a, v ge = 15 v v ce = 0.8 v ces , r g = r off = 2.4 ? remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g inductive load, t j = 125 c i c =100a, v ge = 15 v v ce = 0.8 v ces , r g = r off = 2.4 ? remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 please see ixgn200n60b data sheet for characteristic curves.


▲Up To Search▲   

 
Price & Availability of IXGE200N60B04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X